|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DSEP 29-06A DSEP 29-06B HiPerFREDTM Epitaxial Diode with soft recovery IFAV = 30 A VRRM = 600 V trr = 30/35 ns A C VRSM V 600 600 VRRM V Type TO-220 AC C 600 600 DSEP 29-06A DSEP 29-06B A C (TAB) A = Anode, C = Cathode, TAB = Cathode Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md Weight Conditions rect., d = 0.5; TC (Version A) = 135C TC (Version B) = 125C TVJ = 45C; tp = 10 ms (50 Hz), sine; (Version A) (Version B) TVJ = 25C; non-repetitive IAS = 1.3 A; L = 180 H VA = 1.5*VR typ.; f = 10 kHz; repetitive Maximum Ratings 35 30 30 250 200 0.2 0.1 -55...+175 175 -55...+150 A A A A A mJ A C C C W Nm g q q Features q q q q q q q International standard package Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0 TC = 25C mounting torque typical 165 0.4...0.6 2 Applications q Symbol IR x Conditions TVJ = 25C VR = VRRM TVJ = 150C VR = VRRM IF = 30 A; TVJ = 150C TVJ = 25C Characteristic max. Values Version A Version B 250 1 1.26 1.61 0.9 0.5 35 6 250 2 1.58 2.52 0.9 0.5 30 4 A mA V V K/W K/W ns q q q q q VF y RthJC RthCH trr IRM typ. typ. Antiparallel diode for high frequency switching devices Antisaturation diode Snubber diode Free wheeling diode in converters and motor control circuits Rectifiers in switch mode power supplies (SMPS) Inductive heating Uninterruptible power supplies (UPS) Ultrasonic cleaners and welders typ. IF = 1 A; -di/dt = 200 A/s; VR = 30 V; TVJ = 25C VR = 100 V; IF = 50 A; -diF/dt = 100 A/s TVJ = 100C Advantages q A q q Avalanche voltage rated for reliable operation Soft reverse recovery for low EMI/RFI Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch Pulse test: x Pulse Width = 5 ms, Duty Cycle < 2.0 % y Pulse Width = 300 s, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified Dimensions see outlines.pdf (c) 2000 IXYS All rights reserved 1-3 047 IXYS reserves the right to change limits, test conditions and dimensions. DSEP 29-06A 70 A 60 IF 50 3000 T = 100C nC VVJ= 300V R 2500 Qr IRM 2000 50 A 40 TVJ= 100C VR = 300V TVJ=150C 40 30 1500 1000 TVJ=100C 30 20 10 0 0.0 IF= 60A IF= 30A IF= 15A IF= 60A IF= 30A IF= 15A 20 500 10 TVJ=25C 0.5 1.0 1.5 VF V2.0 0 100 0 A/s 1000 -diF/dt 0 200 400 600 A/s 1000 800 -diF/dt Fig. 1 Forward current IF versus VF Fig. 2 Reverse recovery charge Qr versus -diF/dt 130 ns 120 Fig. 3 Peak reverse current IRM versus -diF/dt 20 1.2 s tfr 2.0 TVJ= 100C VR = 300V 1.5 Kf 1.0 trr 110 100 V VFR 15 IF= 60A IF= 30A IF= 15A 10 tfr VFR 0.9 0.6 IRM 90 0.5 5 0.3 Qr 80 70 0 0 200 400 600 -diF/dt 800 A/s 1000 0 TVJ= 100C IF = 30A 200 400 0.0 600 A/s 1000 800 diF/dt 0.0 0 40 80 120 C 160 TVJ Fig. 4 Dynamic parameters Qr, IRM versus TVJ 1 K/W Fig. 5 Recovery time trr versus -diF/dt Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.502 0.193 0.205 ti (s) 0.0052 0.0003 0.0162 0.1 ZthJC 0.01 0.001 0.00001 DSEP 29-06A 0.0001 0.001 0.01 0.1 t s 1 Fig. 7 Transient thermal resistance junction to case NOTE: Fig. 2 to Fig. 6 shows typical values (c) 2000 IXYS All rights reserved 2-3 DSEP 29-06B 60 A 50 IF 40 1000 nC 800 Qr TVJ= 100C VR = 300V IF= 60A IF= 30A IF= 15A IRM 30 A 25 20 15 TVJ= 100C VR = 300V IF= 60A IF= 30A IF= 15A TVJ=150C 30 600 TVJ=100C 20 400 10 TVJ=25C 10 0 0 1 2 VF 3V 200 5 0 A/s 1000 -diF/dt 0 200 400 600 A/s 1000 800 -diF/dt 0 100 Fig. 1 Forward current IF versus VF Fig. 2 Reverse recovery charge Qr versus -diF/dt 90 ns Fig. 3 Peak reverse current IRM versus -diF/dt 20 2.0 TVJ= 100C VR = 300V 1.5 Kf 1.0 trr 80 V VFR 15 TVJ= 100C IF = 30A VFR tfr 1.00 s tfr 0.75 IRM 70 0.5 IF= 60A IF= 30A IF= 15A 10 0.50 5 0.25 Qr 0.0 0 40 80 120 C 160 TVJ 60 0 200 400 600 -diF/dt 800 A/s 1000 0 0 200 400 0.00 600 A/s 1000 800 diF/dt Fig. 4 Dynamic parameters Qr, IRM versus TVJ 1 K/W Fig. 5 Recovery time trr versus -diF/dt Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i Rthi (K/W) 0.502 0.193 0.205 ti (s) 0.0052 0.0003 0.0162 0.1 ZthJC 1 2 3 0.01 0.001 0.00001 DSEP 29-06 0.0001 0.001 0.01 0.1 t s 1 Fig. 7 Transient thermal resistance junction to case 906 NOTE: Fig. 2 to Fig. 6 shows typical values (c) 2000 IXYS All rights reserved 3-3 |
Price & Availability of DSEP29-06A |